PART |
Description |
Maker |
2N5401A |
600 mA, 150 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
MICRO COMMERCIAL COMPONENTS
|
MMBT5401 |
600 mA, 150 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
MICRO COMMERCIAL COMPONENTS
|
2SB1326TV6/PQ 2SB1326TV3/PQ 2SB1236ATV2/NP 2SC2021 |
5000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR 1500 mA, 160 V, PNP, Si, SMALL SIGNAL TRANSISTOR 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 100 mA, 600 V, PNP, Si, SMALL SIGNAL TRANSISTOR 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 5000 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
|
SFT2907A2GW |
Dual Microminiature Package 600 mA 60 Volts Dual PNP Transistor 600 mA, 60 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Solid State Devices, Inc.
|
KTA1267-Y KTA1267-GR KTA1267-O KTA1267-GR-BP |
PNP General Purpose Application 150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Micro Commercial Components
|
CV7672 |
Bipolar PNP Device in a Hermetically sealed TO39 Metal Package 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-205AD
|
TT electronics Semelab, Ltd.
|
2PA1015BL-AMMO 2PA1015-AMMO |
150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
NXP Semiconductors N.V.
|
MMBT1015H |
150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
MICRO COMMERCIAL COMPONENTS
|
FHT1037S |
150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
|
NTE2407 |
600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR Silicon PNP Transistor General Purpose Amp, Surface Mount (Compl to NTE2406)
|
NTE[NTE Electronics] NTE Electronics, Inc.
|
FMMT2907RTA |
600 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
DIODES INC
|
|